Part Number Hot Search : 
1N4971C U4065B XF001 A471J X0404NF RCB0610 8062M U05NH44
Product Description
Full Text Search
 

To Download KBPC15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC15005-KBPC1510
MECHANICAL DATA
SINGLE-PHASE SILICON BRIDGE RECTIFIER
FEATURES
* Metal case for Maximum Heat Dissipation * Surge overload ratings-300 Amperes * Low forward voltage drop
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes
* Case: Metal case, electrically isolated * Epoxy: UL 94V-0 rate flame retardant * Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: As marked * Mounting position: Any * Weight: 30 grams
MB-25
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
PARAMETER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 55 Peak Forward Surge Current 8.3 ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 7.5A DC @TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100 2 I t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 ) Operating and Storage Temperature Range
Notes:
SYMBOL
VRRM VRMS VDC IO IFSM VF IR It CJ RJA TJ,TSTG
2
KBPC15005 KBPC1501 KBPC1502 KBPC1504 KBPC1506 KBPC1508 KBPC1510
MB1505
50 35 50
MB151
100 70 100
MB152
200 140 200
MB154
400 280 400 15.0 300 1.1 10 500 374 40 19 -55 to +175
MB156
600 420 600
MB158
800 560 800
MB1510
1000 700 1000
UNITS
Volts Volts Volts Amps Amps Volts uAmps A Sec pF /W
2
1.Measured at 1 MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to Ambient and from Junction to lead mounted on PCB with 0.47" x 0.47" (12x12mm) copper pads .
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
KBPC15005-KBPC1510
RATING AND CHARACTERISTIC CURVES
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of KBPC15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X